Part Number Hot Search : 
1N5657E3 CDRH4 LT1121 PT224 50500 IN74AC04 FM102SPT 26001
Product Description
Full Text Search
 

To Download BAR64V-04W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAR64V-04W
Vishay Semiconductors
RF PIN Diodes - Dual, Series in SOT-323
Description
Characterized by low reverse Capacitance the PIN Diodes BAR64V-04W was designed for RF signal switching and tuning. As a function of the forward bias current the forward resistance (rf) can be adjusted over a wide range. A long carrier life time offers low signal distortion for signals over 10 MHz up to 3 GHz. Typical applications for this PIN Diodes are switches and attenuators in wireless, mobile and TVsystems.
2 1
3
1
2
18379
3
Features
* * * * * High reverse Voltage Small reverse capacitance High breakdown voltage Lead (Pb)-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Mechanical Data
e3
Case: SOT-323 Plastic case Weight: approx. 6.0 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Applications
For frequency up to 3 GHz RF-signal tuning Signal attenuator and switches Mobile, wireless and TV-Applications
Parts Table
Part BAR64V-04W Ordering code BAR64V-04W-GS18 or BAR64V-04W-GS08 DW4 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Forward current Junction temperature Storage temperature range Test condition Symbol VR IF Tj Tstg Value 100 100 150 - 55 to + 150 Unit V mA C C
Document Number 85646 Rev. 1.2, 15-Apr-05
www.vishay.com 1
BAR64V-04W
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Reverse current Forward voltage Diode capacitance Test condition IR = 10 A VR = 50 V IF = 50 mA f = 1 MHz, VR = 0 f = 1 MHz, VR = 1 V f = 1 MHz, VR = 20 V Forward resistance f = 100 MHz, IF = 1 mA f = 100 MHz, IF = 10 mA f = 100 MHz, IF = 100 mA Charge carrier life time IF = 10 mA, IR = 6 mA, iR = 3 mA Symbol VR IR VF CD CD CD rf rf rf trr 0.5 0.37 0.23 10 2.0 0.8 1.8 0.5 0.35 20 3.8 1.35 Min 100 50 1.1 Typ. Max Unit V nA V pF pF pF s
Typical Characteristics (Tamb = 25 C unless otherwise specified)
100.00 100.0
rf - Forward Resistance ( ) I F - Forward Current ( mA )
f = 100 MHz 10.0
10.00
1.00
1.0
0.10
0.1 0.1
18342
1.0
10
100
0.01 0.5
18326
0.6
0.7
0.8
0.9
1.0
IF - Forward Current ( mA )
VF - Forward Voltage ( V )
Figure 1. Forward Resistance vs. Forward Current
Figure 3. Forward Current vs. Forward Voltage
0.50
CD - Diode Capacitance ( pF )
300 f = 1 MHz
V R - Reverse V oltage ( V )
0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0 4 8
250 200 150 100 50 0 0.01
12
16
20
24
28
18330
0.1
1.0
10
100
1000
18334
VR - Reverse V oltage (V)
IR - Reverse Current ( A )
Figure 2. Diode Capacitance vs. Reverse Voltage
Figure 4. Reverse Voltage vs. Reverse Current
www.vishay.com 2
Document Number 85646 Rev. 1.2, 15-Apr-05
BAR64V-04W
Vishay Semiconductors
12 10
I F - Forward Current ( mA )
8 6 4 2 0 -2 -4 -6 -8 -500 500
IF = 10 mA IR = 6 mA i rr = 3 mA
1500
2500
3500
18338
Recovery Time ( ns )
Figure 5. Typical Charge Recovery Curve
Package Dimensions in mm (Inches)
2.0
I FAV - Average Forward Current ( A )
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 BYT41M
VR=VRRM fv1kHz RthJAv60K/W l=10mm
BYT41A
80 100 120 140 160 180
96 12136
Tamb - Ambient Temperature ( C )
Document Number 85646 Rev. 1.2, 15-Apr-05
www.vishay.com 3
BAR64V-04W
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85646 Rev. 1.2, 15-Apr-05
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAR64V-04W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X